| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE7913 Fiches technique(PDF) 37 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7913 Fiches technique(HTML) 37 Page - Analog Devices |
|
37 / 41 page ![]() Data Sheet ADE7912/ADE7913 Rev. C | Page 37 of 41 LAYOUT GUIDELINES For detailed information on the layout guidelines to follow when using the ADE7912/ADE7913, use the AN-1332 Application Note, Architecting a Direct, 3-Phase Energy Meter with Shunts Using the ADE7912/ADE7913. ADE7913 EVALUATION BOARD An evaluation board built upon the ADE7913 allows users to quickly evaluate this IC. It is used in conjunction with the system demonstration platform (EVAL-SDP-CB1Z). Order both the ADE7913 evaluation board and the system demonstration platform from the ADE7913 product page to evaluate the ADE7913. ADE7912/ADE7913 VERSION Bits[2:0] (version) in the STATUS1 register identify the version of the ADE7912/ADE7913. |