Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE7912 Fiches technique(PDF) 37 Page - Analog Devices

No de pièce ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Fiches technique(HTML) 37 Page - Analog Devices

Back Button ADE7912 Datasheet HTML 33Page - Analog Devices ADE7912 Datasheet HTML 34Page - Analog Devices ADE7912 Datasheet HTML 35Page - Analog Devices ADE7912 Datasheet HTML 36Page - Analog Devices ADE7912 Datasheet HTML 37Page - Analog Devices ADE7912 Datasheet HTML 38Page - Analog Devices ADE7912 Datasheet HTML 39Page - Analog Devices ADE7912 Datasheet HTML 40Page - Analog Devices ADE7912 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
Data Sheet
ADE7912/ADE7913
Rev. C | Page 37 of 41
LAYOUT GUIDELINES
For detailed information on the layout guidelines to follow
when using the ADE7912/ADE7913, use the AN-1332
Application Note, Architecting a Direct, 3-Phase Energy Meter
with Shunts Using the ADE7912/ADE7913.
ADE7913 EVALUATION BOARD
An evaluation board built upon the ADE7913 allows users
to quickly evaluate this IC. It is used in conjunction with
the system demonstration platform (EVAL-SDP-CB1Z).
Order both the ADE7913 evaluation board and the system
demonstration platform from the ADE7913 product page to
evaluate the ADE7913.
ADE7912/ADE7913 VERSION
Bits[2:0] (version) in the STATUS1 register identify the version
of the ADE7912/ADE7913.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41