| Moteur de recherche de fiches techniques de composants électroniques |
|
74ACT14SC Fiches technique(PDF) 10 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
74ACT14SC Fiches technique(HTML) 10 Page - ON Semiconductor |
|
10 / 11 page ![]() TSSOP−14 WB CASE 948G ISSUE C DATE 17 FEB 2016 SCALE 2:1 1 14 *This information is generic. Please refer to device data sheet for actual part marking. Pb−Free indicator, “G” or microdot “ G”, may or may not be present. DIM MIN MAX MIN MAX INCHES MILLIMETERS A 4.90 5.10 0.193 0.200 B 4.30 4.50 0.169 0.177 C −−− 1.20 −−− 0.047 D 0.05 0.15 0.002 0.006 F 0.50 0.75 0.020 0.030 G 0.65 BSC 0.026 BSC H 0.50 0.60 0.020 0.024 J 0.09 0.20 0.004 0.008 J1 0.09 0.16 0.004 0.006 K 0.19 0.30 0.007 0.012 K1 0.19 0.25 0.007 0.010 L 6.40 BSC 0.252 BSC M 0 8 0 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE −W−. ___ _ S U 0.15 (0.006) T 2X L/2 S U M 0.10 (0.004) V S T L −U− SEATING PLANE 0.10 (0.004) −T− SECTION N−N DETAIL E J J1 K K1 DETAIL E F M −W− 0.25 (0.010) 8 14 7 1 PIN 1 IDENT. H G A D C B S U 0.15 (0.006) T −V− 14X REF K N N GENERIC MARKING DIAGRAM* XXXX XXXX ALYWG G 1 14 A = Assembly Location L = Wafer Lot Y = Year W = Work Week G = Pb−Free Package 7.06 14X 0.36 14X 1.26 0.65 DIMENSIONS: MILLIMETERS 1 PITCH SOLDERING FOOTPRINT (Note: Microdot may be in either location) MECHANICAL CASE OUTLINE PACKAGE DIMENSIONS ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries. ON Semiconductor reserves the right to make changes without further notice to any products herein. ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ON Semiconductor does not convey any license under its patent rights nor the rights of others. 98ASH70246A DOCUMENT NUMBER: DESCRIPTION: Electronic versions are uncontrolled except when accessed directly from the Document Repository. Printed versions are uncontrolled except when stamped “CONTROLLED COPY” in red. PAGE 1 OF 1 TSSOP−14 WB © Semiconductor Components Industries, LLC, 2019 www.onsemi.com |