Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

23124 Fiches technique(PDF) 9 Page - Applied Motion Products, Inc.

No de pièce 23124
Description  Si5580 Programmable Step Motor Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMP [Applied Motion Products, Inc.]
Site Internet  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

23124 Fiches technique(HTML) 9 Page - Applied Motion Products, Inc.

  23124 Datasheet HTML 1Page - Applied Motion Products, Inc. 23124 Datasheet HTML 2Page - Applied Motion Products, Inc. 23124 Datasheet HTML 3Page - Applied Motion Products, Inc. 23124 Datasheet HTML 4Page - Applied Motion Products, Inc. 23124 Datasheet HTML 5Page - Applied Motion Products, Inc. 23124 Datasheet HTML 6Page - Applied Motion Products, Inc. 23124 Datasheet HTML 7Page - Applied Motion Products, Inc. 23124 Datasheet HTML 8Page - Applied Motion Products, Inc. 23124 Datasheet HTML 9Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
404 Westridge Dr. • Watsonville, CA 95076
831/761-6555 • 800/525-1609 • FAX 831/761-6544
www.appliedmotionproducts.com
STEPPER
SYSTEMS
66
DRIVE ONLY ORDERING
Drive Type
Description
PDO 5580
Packaged 5.5 amps, 80 VDC, 110/220 VAC input.
Microstepping pulse & direction/oscillator drive.
Si5580
Packaged 5.5 amps, 80 VDC, 110/220 VAC input.
Microstepping fully programmable drive/indexer with
Si™ software.
System Ordering Example: Si5580 - 23122
COMPLETE SYSTEM ORDERING
Drive Type
Motor System Number
Step Motor Description
PDO 5580
23122
NEMA 23 one stack
Si5580
23123
NEMA 23 two stack
23124
NEMA 23 three stack
23395
NEMA 23 high torque one stack
23398
NEMA 23 high torque two stack
23401
NEMA 23 high torque three stack
34348
NEMA 34 one stack
34349
NEMA 34 two stack
34350
NEMA 34 three stack
34474
NEMA 34 high torque one stack
34476
NEMA 34 high torque two stack
34478
NEMA 34 high torque three stack
OPTIONAL ACCESSORIES
Type
Description
MMI-01
Standard man-machine interface.
MMI-02
Man-machine interface with backlit display.



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com