| Moteur de recherche de fiches techniques de composants électroniques |
|
CC2431-RTR1 Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2431-RTR1 Fiches technique(HTML) 4 Page - Texas Instruments |
|
4 / 15 page ![]() CC2431 SWRS034 Page 4 of 14 1 Register conventions Each RF register is described in a separate table. The table heading is given in the following format: REGISTER NAME (XDATA Address) In the register descriptions, each register bit is shown with a symbol indicating the access mode of the register bit. The register values are always given in binary notation unless prefixed by ‘0x’ which indicates hexadecimal notation. Symbol Access Mode R/W Read/write R Read only R0 Read as 0 R1 Read as 1 W Write only W0 Write as 0 W1 Write as 1 H0 Hardware clear H1 Hardware set Table 1: Register bit conventions |