| Moteur de recherche de fiches techniques de composants électroniques |
|
AX88872P Fiches technique(PDF) 3 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX88872P Fiches technique(HTML) 3 Page - ASIX Electronics Corporation |
|
3 / 36 page ![]() ASIX ELECTRONICS CORPORATION 3 CONFIDENTIAL AX88872P Swipeater Controller PRELIMINARY 5.4.9 Repeater ID Daisy Chain ......................................................................................................................... 30 6.0 PACKAGE INFORMATION........................................................................................................................... 31 APPENDIX A: SYSTEM APPLICATIONS.......................................................................................................... 32 A.1 16-PORT (24-PORT) REPEATER WITH 2-PORT SWITCH......................................................................................... 32 A.2 16-PORT REPEATER WITH UP TO 4 STACKS......................................................................................................... 32 A.3 8-PORT STANDALONE REPEATER WITH 2-PORT SWITCH ...................................................................................... 33 A.4 16-PORT REPEATER WITH UP TO 4 STACKS OF AX88871A COMPATIBLE MODE .................................................... 33 A.5 16-PORT REPEATER WITH UP TO 4 STACKS AND MORE SWITCH PORTS.................................................................. 34 APPENDIX B: DESIGN NOTE ............................................................................................................................. 35 B.1 USING STATION MANAGEMENT (STA) CONNECTION ........................................................................................ 35 B.2 USING MII I/F CONNECTS TO MAC.................................................................................................................. 36 FIGURES FIG - 1 AX88872 BLOCK DIAGRAM ............................................................................................................................. 5 FIG - 2 PIN CONNECTION DIAGRAM.............................................................................................................................. 6 FIG - 3 APPLICATION FOR LED DISPLAY ..................................................................................................................... 21 |