Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA9541APW/01 Fiches technique(PDF) 25 Page - NXP Semiconductors

No de pièce PCA9541APW/01
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541APW/01 Fiches technique(HTML) 25 Page - NXP Semiconductors

Back Button PCA9541APW/01 Datasheet HTML 21Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 22Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 23Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 24Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 25Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 26Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 27Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 28Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
PCA9541A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 24 April 2014
25 of 45
NXP Semiconductors
PCA9541A
2-to-1 I2C-bus master selector with interrupt logic and reset
9.2 High reliability systems
In a typical multipoint application, shown in Figure 18, the two masters (for example,
primary and back-up) are located on separate I2C-buses that connect to multiple
downstream I2C-bus slave cards/devices via a PCA9541A/01 for non-hot swap
applications to provide high reliability of the I2C-bus.
I2C-bus commands are sent via the primary or back-up master and either master can take
command of the I2C-bus. Either master at any time can gain control of the slave devices if
the other master is disabled or removed from the system. The failed master is isolated
from the system and does not affect communication between the on-line master and the
slave devices located on the cards.
For even higher reliability in multipoint backplane applications, two dedicated masters can
be used for every card as shown in Figure 19.
Fig 18. High reliability backplane application
Fig 19. Very high reliability backplane application
002aae662
SCL1
SDA1
SCL0
SDA0
002aae663
SCL1
SDA1
SCL0
SDA0
SCL0
SDA0
SCL0
SDA0
SCL0
SDA0
SCL1
SDA1
SCL1
SDA1
SCL1
SDA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45