| Moteur de recherche de fiches techniques de composants électroniques |
|
SMS64FR02 Fiches technique(PDF) 21 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMS64FR02 Fiches technique(HTML) 21 Page - Summit Microelectronics, Inc. |
|
21 / 24 page ![]() SMS64 Preliminary Summit Microelectronics, Inc 2060 2.22 10/09/03 21 DEFAULT CONFIGURATION REGISTER SETTINGS – SMS64F-116 (Cont.) R10 47 RSTA Trigger on VA Over/UnderVoltage set to RST On VA UV/OV [D0] RSTA on VB Over/UnderVoltage set to RST On VB UV/OV [D1] RSTA on VC Over/UnderVoltage set to RST On VC UV/OV [D2] RSTA on VD Over/UnderVoltage set to No Reset [D3] RSTA on VE Over/UnderVoltage set to No Reset [D4] RSTA on VF Over/UnderVoltage set to No Reset [D5] Memory (EE) Slave Address set to 1010 [D7] R11 38 RSTB on VA Over/UnderVoltage set to No Reset [D0] RSTB on VB Over/UnderVoltage set to No Reset [D1] RSTB on VC Over/UnderVoltage set to No Reset [D2] RSTB on VD Over/UnderVoltage set to RST On VD UV/OV [D3] RSTB on VE Over/UnderVoltage set to RST On VE UV/OV [D4] RSTB on VF Over/UnderVoltage set to RST On VF UV/OV [D5] R12 00 IRQ on VA Over/UnderVoltage set to No IRQ [D0] IRQ on VB Over/UnderVoltage set to No IRQ [D1] IRQ on VC Over/UnderVoltage set to No IRQ [D2] IRQ on VD Over/UnderVoltage set to No IRQ [D3] IRQ on VE Over/UnderVoltage set to No IRQ [D4] IRQ on VF Over/UnderVoltage set to No IRQ [D5] R13 00 PowerOff on VA Over/UnderVoltage set to No PowerOff [D0] PowerOff on VB Over/UnderVoltage set to No PowerOff [D1] PowerOff on VC Over/UnderVoltage set to No PowerOff [D2] PowerOff on VD Over/UnderVoltage set to No PowerOff [D3] PowerOff on VE Over/UnderVoltage set to No PowerOff [D4] PowerOff on VF Over/UnderVoltage set to No PowerOff [D5] R14 3F Use Naked Input VA set to No [D0] Use Naked Input VB set to No [D1] Use Naked Input VC set to No [D2] Use Naked Input VD set to No [D3] Use Naked Input VE set to No [D4] Use Naked Input VF set to No [D5] R15 3F VA Over/Undervoltage set to Under [D0] VB Over/Undervoltage set to Under [D1] VC Over/Undervoltage set to Under [D2] VD Over/Undervoltage set to Under [D3] VE Over/Undervoltage set to Under [D4] VF Over/Undervoltage set to Under [D5] |