Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMM105 Fiches technique(PDF) 21 Page - Summit Microelectronics, Inc.

No de pièce SMM105
Description  Single-Channel Supply Voltage Marginer and Active DC Output Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMMIT [Summit Microelectronics, Inc.]
Site Internet  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM105 Fiches technique(HTML) 21 Page - Summit Microelectronics, Inc.

Back Button SMM105 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 21Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
SMM105
Preliminary Information
Summit Microelectronics, Inc
2068 1.8 09/20/05
21
PART MARKING
SUMMIT
SMM105N
AYYWW
Pin 1
Annn
Summit
Part Number
Date Code (YYWW)
Part Number suffix
(Contains Customer specific
ordering requirements)
Lot tracking code (Summit use)
Drawing not
to scale
SS
Status Tracking Code
(Blank, MS, ES, 01, 02,...)
(Summit Use)
Product Tracking Code (Summit use)
100% Sn, RoHS compliant, Green
L
ORDERING INFORMATION
NOTICE
NOTE 1 - This is a Preliminary Information data sheet that describes a Summit product currently in pre-production with limited characterization.
SUMMIT Microelectronics, Inc. reserves the right to make changes to the products contained in this publication in order to improve design,
performance or reliability. SUMMIT Microelectronics, Inc. assumes no responsibility for the use of any circuits described herein, conveys no license
under any patent or other right, and makes no representation that the circuits are free of patent infringement. Charts and schedules contained
herein reflect representative operating parameters, and may vary depending upon a user’s specific application. While the information in this
publication has been carefully checked, SUMMIT Microelectronics, Inc. shall not be liable for any damages arising as a result of any error or
omission.
SUMMIT Microelectronics, Inc. does not recommend the use of any of its products in life support or aviation applications where the failure or
malfunction of the product can reasonably be expected to cause any failure of either system or to significantly affect their safety or effectiveness.
Products are not authorized for use in such applications unless SUMMIT Microelectronics, Inc. receives written assurances, to its satisfaction, that:
(a) the risk of injury or damage has been minimized; (b) the user assumes all such risks; and (c) potential liability of SUMMIT Microelectronics, Inc.
is adequately protected under the circumstances.
Revision 1.8 - This document supersedes all previous versions.
Please check the Summit Microelectronics, Inc. web site at
http://www.summitmicro.com/prod_select/summary/SMM105/SMM105.htm for data sheet updates.
© Copyright 2005 SUMMIT MICROELECTRONICS, Inc.
PROGRAMMABLE POWER FOR A DIGITAL WORLD™
ADOC
TM is a trademark of Summit Microelectronics Inc.
I2C is a trademark of Philips Corporation.
SMM105
N
nnn
Package
Part Number Suffix (see page 18)
Summit
Part
Number
Customer specific requirements are contained
in the suffix such as Hex code, Hex code
revision, etc.
C
Temp Range
C=Commercial
Blank=Industrial
N=28 Pad QFN
E=25 Ball Ultra CSPTM
V is the Lead-Free Attribute for the CSP
(E Package),
L is for the QFN (N package)
V
25 Ball Ultra CSP
TM
28 Pad QFN
Ball A1
Identifier
Date Code
Y = Single digit year
(4=2004, 5=2005, etc)
Drawing not
to scale
Summit Part Number
X is the sequential letter per wafer
(i.e. A for the first wafer, B for the second wafer,
C for the third wafer, etc.)
100% Sn, RoHS
compliant, Green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21