| Moteur de recherche de fiches techniques de composants électroniques |
|
SML2120 Fiches technique(PDF) 21 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SML2120 Fiches technique(HTML) 21 Page - Summit Microelectronics, Inc. |
|
21 / 32 page ![]() SML2120 Summit Microelectronics 2066 6.3 1/22/04 21 Figure 21. General Purpose E2PROM Read Figure 22. General Purpose E2PROM Write Figure 23. Lookup Table Read Figure 24. Lookup Table Write 0 11 0 S 2 S 1 00 S 0 1 1 0 S 2 S 1 0 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 P A 7 A 6 A 5 A 4 A 3 A 2 A 1 A 0 S T A R T Device Identifier Bus Address A C K A C K S T O P N A C K A C R / WK R / W S S T A R T A AA 1 N A S = Start, S2:S1 = Bus Select Bits, A = Acknowledge (ACK) NA = No Acknowledge (NACK), P = Stop, n = Lookup Table (LUT) 0 or 1 0 1 1 0 S 2 S 1 0 S T A R T Device Identifier Bus Address R / W A C K S A 0 S = Start, S2:S1 = Bus Select Bits, A = Acknowledge (ACK) NA = No Acknowledge (NACK), P = Stop, n = Lookup Table (LUT) 0 or 1 D 7 D 6 D 5 D 3 D 2 D 1 D 0 S T O P A C K D 4 A P A 7 A 6 A 5 A 4 A 3 A 2 A 1 A 0 A C K A S 0 11 1 S 2 S 1 n S 0 1 1 1 S 2 S 1 n D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 P A 7 A 6 A 5 A 4 A 3 A 2 A 1 A 0 S T A R T Device Identifier Bus Address A C K A C K S T O P N A C K A C K R / W R / W A N A 0 1 A N A S = Start, S2:S1 = Bus Select Bits, A = Acknowledge (ACK) NA = No Acknowledge (NACK), P = Stop, n = Lookup Table (LUT) 0 or 1 0 1 1 1 S 2 S 1 n D 7 D 6 D 5 D 3 D 2 D 1 D 0 S T A R T Device Identifier Bus Address R / W A C K S T O P A C K D 4 S 0 A A P A 7 A 6 A 5 A 4 A 3 A 2 A 1 A 0 A C K A S = Start, S2:S1 = Bus Select Bits, A = Acknowledge (ACK) NA = No Acknowledge (NACK), P = Stop, n = Lookup Table (LUT) 0 or 1 |