Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCC08LU Fiches technique(PDF) 2 Page - Balluff Korea Ltd.

No de pièce BCC08LU
Description  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BALLUFF [Balluff Korea Ltd.]
Site Internet  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC08LU Fiches technique(HTML) 2 Page - Balluff Korea Ltd.

  BCC08LU Datasheet HTML 1Page - Balluff Korea Ltd. BCC08LU Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Single-Ended Cordsets
BCC M415-0000-1A-001-VX8334-030
Order Code: BCC08LU
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 238927
ETIM 6.0: EC001855
BCC08LU_0.5_2022-01-17
2 / 2
Remarks
Cable construction acc. to UL-AWM Style 2517
Silicone-free
Flame resistance per IEC 60332-1-2
Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece.
Connector Drawings
PIN 1: brown
PIN 3: blue
PIN 4: black
Wiring Diagrams



Html Pages

1 2