Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC5605BAMLU6R Fiches technique(PDF) 19 Page - NXP Semiconductors

No de pièce PPC5605BAMLU6R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC5605BAMLU6R Fiches technique(HTML) 19 Page - NXP Semiconductors

Back Button PPC5605BAMLU6R Datasheet HTML 15Page - NXP Semiconductors PPC5605BAMLU6R Datasheet HTML 16Page - NXP Semiconductors PPC5605BAMLU6R Datasheet HTML 17Page - NXP Semiconductors PPC5605BAMLU6R Datasheet HTML 18Page - NXP Semiconductors PPC5605BAMLU6R Datasheet HTML 19Page - NXP Semiconductors PPC5605BAMLU6R Datasheet HTML 20Page - NXP Semiconductors PPC5605BAMLU6R Datasheet HTML 21Page - NXP Semiconductors PPC5605BAMLU6R Datasheet HTML 22Page - NXP Semiconductors PPC5605BAMLU6R Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 114 page
background image
Package pinouts and signal descriptions
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
19
PB[13]
PCR[29] AF0
AF1
AF2
AF3
—
GPIO[29]
E0UC[5]
—
CS2_0
ADC0_X[1]
SIUL
eMIOS_0
—
DSPI_0
ADC_0
I/O
I/O
—
O
I
J
Tristate
63
85
103
M13
PB[14]
PCR[30] AF0
AF1
AF2
AF3
—
GPIO[30]
E0UC[6]
—
CS3_0
ADC0_X[2]
SIUL
eMIOS_0
—
DSPI_0
ADC_0
I/O
I/O
—
O
I
J
Tristate
65
87
105
L16
PB[15]
PCR[31] AF0
AF1
AF2
AF3
—
GPIO[31]
E0UC[7]
—
CS4_0
ADC0_X[3]
SIUL
eMIOS_0
—
DSPI_0
ADC_0
I/O
I/O
—
O
I
J
Tristate
67
89
107
L13
Port C
PC[0]10
PCR[32] AF0
AF1
AF2
AF3
GPIO[32]
—
TDI
—
SIUL
—
JTAGC
—
I/O
—
I
—
M
Input,
weak
pull-up
87
126
154
A8
PC[1]10
PCR[33] AF0
AF1
AF2
AF3
GPIO[33]
—
TDO
—
SIUL
—
JTAGC
—
I/O
—
O
—
F11 Tristate
82
121
149
C9
PC[2]
PCR[34] AF0
AF1
AF2
AF3
—
GPIO[34]
SCK_1
CAN4TX
DEBUG[0]
EIRQ[5]
SIUL
DSPI_1
FlexCAN_4
SSCM
SIUL
I/O
I/O
O
O
I
M
Tristate
78
117
145
A11
PC[3]
PCR[35] AF0
AF1
AF2
AF3
—
—
—
GPIO[35]
CS0_1
MA[0]
DEBUG[1]
EIRQ[6]
CAN1RX
CAN4RX
SIUL
DSPI_1
ADC_0
SSCM
SIUL
FlexCAN_1
FlexCAN_4
I/O
I/O
O
O
I
I
I
S
Tristate
77
116
144
B11
PC[4]
PCR[36] AF0
AF1
AF2
AF3
—
—
—
GPIO[36]
E1UC[31]
—
DEBUG[2]
EIRQ[18]
SIN_1
CAN3RX
SIUL
eMIOS_1
—
SSCM
SIUL
DSPI_1
FlexCAN_3
I/O
I/O
—
O
I
I
I
M
Tristate
92
131
159
B7
Table 5. Functional port pin descriptions (continued)
Port pin
PCR
Function
Peripheral
Pin number
100
LQFP
144
LQFP
176
LQFP
208
MAP
BGA
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More