| Moteur de recherche de fiches techniques de composants électroniques |
|
PPC5605BAMLL6R Fiches technique(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PPC5605BAMLL6R Fiches technique(HTML) 21 Page - NXP Semiconductors |
|
21 / 114 page ![]() Package pinouts and signal descriptions MPC5607B Microcontroller Data Sheet, Rev. 10 NXP Semiconductors 21 PC[13] PCR[45] AF0 AF1 AF2 AF3 GPIO[45] E0UC[13] SOUT_2 — SIUL eMIOS_0 DSPI_2 — I/O I/O O — S Tristate 98 142 174 A2 PC[14] PCR[46] AF0 AF1 AF2 AF3 — GPIO[46] E0UC[14] SCK_2 — EIRQ[8] SIUL eMIOS_0 DSPI_2 — SIUL I/O I/O I/O — I S Tristate 333 C1 PC[15] PCR[47] AF0 AF1 AF2 AF3 — GPIO[47] E0UC[15] CS0_2 — EIRQ[20] SIUL eMIOS_0 DSPI_2 — SIUL I/O I/O I/O — I M Tristate 444 D3 Port D PD[0] PCR[48] AF0 AF1 AF2 AF3 — — — GPIO[48] — — — WKPU[27]5 ADC0_P[4] ADC1_P[4] SIUL — — — WKPU ADC_0 ADC_1 I — — — I I I I Tristate 416377 P12 PD[1] PCR[49] AF0 AF1 AF2 AF3 — — — GPIO[49] — — — WKPU[28]5 ADC0_P[5] ADC1_P[5] SIUL — — — WKPU ADC_0 ADC_1 I — — — I I I I Tristate 426478 T12 PD[2] PCR[50] AF0 AF1 AF2 AF3 — — GPIO[50] — — — ADC0_P[6] ADC1_P[6] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 436579 R12 PD[3] PCR[51] AF0 AF1 AF2 AF3 — — GPIO[51] — — — ADC0_P[7] ADC1_P[7] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 446680 P13 Table 5. Functional port pin descriptions (continued) Port pin PCR Function Peripheral Pin number 100 LQFP 144 LQFP 176 LQFP 208 MAP BGA 4 |