| Moteur de recherche de fiches techniques de composants électroniques |
|
PPC5605BACLU4R Fiches technique(PDF) 83 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PPC5605BACLU4R Fiches technique(HTML) 83 Page - NXP Semiconductors |
|
83 / 114 page ![]() Electrical characteristics MPC5607B Microcontroller Data Sheet, Rev. 10 NXP Semiconductors 83 Figure 21. ADC_1 characteristic and error definitions Table 45. ADC_1 conversion characteristics (12-bit ADC_1) Symbol C Parameter Conditions1 Value Unit Min Typ Max VSS_ADC1 SR — Voltage on VSS_HV_ADC1 (ADC_1 reference) pin with respect to ground (VSS) 2 —–0.1 — 0.1 V VDD_ADC1 SR — Voltage on VDD_HV_ADC1 pin (ADC_1 reference) with respect to ground (VSS) —VDD –0.1 — VDD +0.1 V (2) (1) (3) (4) (5) Offset Error (EO) Offset Error (EO) Gain Error (EG) 1 LSB (ideal) 4095 4094 4093 4092 4091 4090 5 4 3 2 1 0 7 6 1 2 3 4 5 6 7 409040914092409340944095 (1) Example of an actual transfer curve (2) The ideal transfer curve (3) Differential non-linearity error (DNL) (4) Integral non-linearity error (INL) (5) Center of a step of the actual transfer curve 1 LSB ideal = VDD_ADC / 4096 Vin(A) (LSBideal) code out |