Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMMT-AS-150-LR-HT-R2SB Fiches technique(PDF) 3 Page - Festo Corporation.

No de pièce EMMT-AS-150-LR-HT-R2SB
Description  Servo motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FESTO [Festo Corporation.]
Site Internet  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMMT-AS-150-LR-HT-R2SB Fiches technique(HTML) 3 Page - Festo Corporation.

  EMMT-AS-150-LR-HT-R2SB Datasheet HTML 1Page - Festo Corporation. EMMT-AS-150-LR-HT-R2SB Datasheet HTML 2Page - Festo Corporation. EMMT-AS-150-LR-HT-R2SB Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feature
Value
Switching cycles, holding brake
5 million idle actuations (without friction work!)
MTTF, subcomponent
190 years, rotor position sensor
MTTFd, subcomponent
380 years, rotor position sensor
Energy efficiency
ENEFF (CN) / Class 1
5/30/22 - Subject to change - Festo SE & Co. KG
3/3



Html Pages

1 2 3