Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC5643LFF2MLL6 Fiches technique(PDF) 28 Page - NXP Semiconductors

No de pièce SPC5643LFF2MLL6
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFF2MLL6 Fiches technique(HTML) 28 Page - NXP Semiconductors

Back Button SPC5643LFF2MLL6 Datasheet HTML 24Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 25Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 26Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 27Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 28Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 29Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 30Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 31Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Package pinouts and signal descriptions
NXP Semiconductors
28
47
B[8]
SIUL
—
GPIO[24]
eTimer_0
—
ETC[5]
ADC_0
—
AN[1]
48
E[7]
SIUL
—
GPIO[71]
ADC_0
—
AN[6]
49
E[2]
SIUL
—
GPIO[66]
ADC_0
—
AN[5]
50
VDD_HV_ADR0
—
51
VSS_HV_ADR0
—
52
B[9]
SIUL
—
GPIO[25]
ADC_0
ADC_1
—
AN[11]
53
B[10]
SIUL
—
GPIO[26]
ADC_0
ADC_1
—
AN[12]
54
B[11]
SIUL
—
GPIO[27]
ADC_0
ADC_1
—
AN[13]
55
B[12]
SIUL
—
GPIO[28]
ADC_0
ADC_1
—
AN[14]
56
VDD_HV_ADR1
—
57
VSS_HV_ADR1
—
58
VDD_HV_ADV
—
59
VSS_HV_ADV
—
60
B[13]
SIUL
—
GPIO[29]
LINFlexD_1
—
RXD
ADC_1
—
AN[0]
61
E[9]
SIUL
—
GPIO[73]
ADC_1
—
AN[7]
62
B[15]
SIUL
—
GPIO[31]
SIUL
—
EIRQ[20]
ADC_1
—
AN[2]
63
E[10]
SIUL
—
GPIO[74]
ADC_1
—
AN[8]
Table 3. 144 LQFP pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More