Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC5643LFAMMM1 Fiches technique(PDF) 12 Page - NXP Semiconductors

No de pièce SPC5643LFAMMM1
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMMM1 Fiches technique(HTML) 12 Page - NXP Semiconductors

Back Button SPC5643LFAMMM1 Datasheet HTML 8Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 9Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 10Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 11Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 12Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 13Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 14Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 15Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Introduction
NXP Semiconductors
12
1.5.13
System clocks and clock generation
The following list summarizes the system clock and clock generation on this device:
•
Lock status continuously monitored by lock detect circuitry
•
Loss-of-clock (LOC) detection for reference and feedback clocks
•
On-chip loop filter (for improved electromagnetic interference performance and fewer external components required)
•
Programmable output clock divider of system clock (
÷1, ÷2, ÷4, ÷8)
•
FlexPWM module and as many as three eTimer modules running on an auxiliary clock independent from system clock
(with max frequency 120 MHz)
•
On-chip crystal oscillator with automatic level control
•
Dedicated internal 16 MHz internal RC oscillator for rapid start-up
— Supports automated frequency trimming by hardware during device startup and by user application
•
Auxiliary clock domain for motor control periphery (FlexPWM, eTimer, CTU, ADC, and SWG)
1.5.14
Frequency-Modulated Phase-Locked Loop (FMPLL)
Each device has two FMPLLs.
Each FMPLL allows the user to generate high speed system clocks starting from a minimum reference of 4 MHz input clock.
Further, the FMPLL supports programmable frequency modulation of the system clock. The FMPLL multiplication factor,
output clock divider ratio are all software configurable. The FMPLLs have the following major features:
•
Input frequency: 4–40 MHz continuous range (limited by the crystal oscillator)
•
Voltage controlled oscillator (VCO) range: 256–512 MHz
•
Frequency modulation via software control to reduce and control emission peaks
— Modulation depth ±2% if centered or 0% to –4% if downshifted via software control register
— Modulation frequency: triangular modulation with 25 kHz nominal rate
•
Option to switch modulation on and off via software interface
•
Output divider (ODF) for reduced frequency operation without re-lock
•
3 modes of operation
— Bypass mode
— Normal FMPLL mode with crystal reference (default)
— Normal FMPLL mode with external reference
•
Lock monitor circuitry with lock status
•
Loss-of-lock detection for reference and feedback clocks
•
Self-clocked mode (SCM) operation
•
On-chip loop filter
•
Auxiliary FMPLL
— Used for FlexRay due to precise symbol rate requirement by the protocol
— Used for motor control periphery and connected IP (A/D digital interface CTU) to allow independent frequencies
of operation for PWM and timers and jitter-free control
— Option to enable/disable modulation to avoid protocol violation on jitter and/or potential unadjusted error in
electric motor control loop
— Allows to run motor control periphery at different (precisely lower, equal or higher as required) frequency than
the system to ensure higher resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com