Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC5643LFAMLL6 Fiches technique(PDF) 41 Page - NXP Semiconductors

No de pièce SPC5643LFAMLL6
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6 Fiches technique(HTML) 41 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6 Datasheet HTML 37Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 38Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 39Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 40Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 41Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 42Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 43Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 44Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 136 page
background image
Package pinouts and signal descriptions
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
41
D11
A[11]
SIUL
GPIO[11]
GPIO[11]
DSPI_2
SCK
SCK
FlexPWM_0
A[0]
A[0]
FlexPWM_0
A[2]
A[2]
SIUL
—
EIRQ[10]
D12
E[13]
SIUL
GPIO[77]
GPIO[77]
eTimer_0
ETC[5]
ETC[5]
DSPI_2
CS3
—
SIUL
—
EIRQ[25]
D13
F[15]
SIUL
GPIO[95]
GPIO[95]
LINFlexD_1
—
RXD
D14
VDD_HV_IO_RING
—
D15
VPP_TEST
1
—
D16
D[14]
SIUL
GPIO[62]
GPIO[62]
FlexPWM_0
B[1]
B[1]
eTimer_0
—
ETC[3]
D17
G[3]
SIUL
GPIO[99]
GPIO[99]
FlexPWM_0
A[2]
A[2]
eTimer_0
—
ETC[4]
E1
MDO0
—
E2
F[6]
SIUL
GPIO[86]
GPIO[86]
NPC
MDO[1]
—
E3
D[1]
SIUL
GPIO[49]
GPIO[49]
eTimer_1
ETC[2]
ETC[2]
CTU_0
EXT_TGR
—
FlexRay
—
CA_RX
E4
NMI
—
E14
Not connected
—
E15
C[14]
SIUL
GPIO[46]
GPIO[46]
eTimer_1
ETC[2]
ETC[2]
CTU_0
EXT_TGR
—
E16
G[2]
SIUL
GPIO[98]
GPIO[98]
FlexPWM_0
X[2]
X[2]
DSPI_1
CS1
—
Table 4. 257 MAPBGA pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More