Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS-50PFRW Fiches technique(PDF) 7 Page - Vishay Siliconix

No de pièce VS-50PFRW
Description  Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-50PFRW Fiches technique(HTML) 7 Page - Vishay Siliconix

  VS-50PFRW Datasheet HTML 1Page - Vishay Siliconix VS-50PFRW Datasheet HTML 2Page - Vishay Siliconix VS-50PFRW Datasheet HTML 3Page - Vishay Siliconix VS-50PFRW Datasheet HTML 4Page - Vishay Siliconix VS-50PFRW Datasheet HTML 5Page - Vishay Siliconix VS-50PFRW Datasheet HTML 6Page - Vishay Siliconix VS-50PFRW Datasheet HTML 7Page - Vishay Siliconix VS-50PFRW Datasheet HTML 8Page - Vishay Siliconix VS-50PFRW Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 20-Apr-16
2
Document Number: 95345
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS FOR 80PF(R)...(W), 50PF(R)...(W), AND 95PF(R)...(W) SERIES in millimeters
Ø 15.95 MAX.
Ø 17.15 MAX.
18.9
+ 0.1
0.0
2.4 REF.
2.05 MAX.
Plastic cap.
17.25 MAX.
1/4"-28-UNF-2A
11 ± 0.4
11.45 MAX.
25.4 MAX.



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com