| Moteur de recherche de fiches techniques de composants électroniques |
|
USB7002T-I/KDX Fiches technique(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7002T-I/KDX Fiches technique(HTML) 8 Page - Microchip Technology |
|
8 / 56 page ![]() USB7002 DS00002670G-page 8 2022 Microchip Technology Inc. and its subsidiaries 3.0 PIN DESCRIPTIONS AND CONFIGURATION The pin assignments for the USB7002 are detailed in Section 3.1, Pin Assignments. Pin descriptions are provided in Section 3.2, Pin Descriptions. 3.1 Pin Assignments The device pin diagram for the USB7002 can be seen in Figure 3-1. Table 3-1 provides a USB7002 pin assignments table. Pin descriptions are provided in Section 3.2, Pin Descriptions. FIGURE 3-1: USB7002 100-VQFN PIN ASSIGNMENTS Note: Configuration straps are identified by an underlined symbol name. Signals that function as configuration straps must be augmented with an external resistor when connected to a load. Thermal slug connects to VSS 16 15 14 13 12 11 10 9 8 6 5 4 3 2 1 7 75 74 73 72 71 70 68 67 66 65 69 64 63 62 61 60 RESET_N DP1_VBUS_MON PF31 DP1_CC1 USB3DN_RXDM1A USB3DN_RXDP1A VDD12 USB3DN_TXDM1A USB3DN_TXDP1A USB2DN_DM1/PRT_DIS_M1 PF17 PF25 PF22/CFG_BC_EN PF21 VDD33 PF23 PF19 PF26 TEST3 PF20/CFG_NON_REM TEST1 25 24 23 22 21 20 19 18 17 59 58 57 56 55 54 53 52 51 PF10 PF13 VDD33 TEST2 PF24 PF18 PF15 PF30/VBUS_DET USB3DN_RXDM1B PF16 USB2DN_DP1/PRT_DIS_P1 USB3DN_RXDP1B VDD12 USB3DN_TXDM1B USB3DN_TXDP1B USB2DN_DM3/PRT_DIS_M3 USB2DN_DP3/PRT_DIS_P3 DP1_CC2 CFG_STRAP1 CFG_STRAP2 CFG_STRAP3 TESTEN VDD12 VDD33 VDD12 PF12 PF29 PF11 PF14 Microchip USB7002 (Top View 100-VQFN) |