| Moteur de recherche de fiches techniques de composants électroniques |
|
USB5926C/KD Fiches technique(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5926C/KD Fiches technique(HTML) 11 Page - Microchip Technology |
|
11 / 66 page ![]() USB5926C DS00003190C-page 11 2022 Microchip Technology Inc. and its subsidiaries USB 3.1 Gen 1 Upstream A D- RX USB3UP_RXDMA I/O-U Upstream USB Type-C “Orientation A” USB 3.1 Gen 1 Receive Data Minus USB 3.1 Gen 1 Upstream B D+ TX USB3UP_TXDPB I/O-U Upstream USB Type-C “Orientation B” USB 3.1 Gen 1 Transmit Data Plus USB 3.1 Gen 1 Upstream B D- TX USB3UP_TXDMB I/O-U Upstream USB Type-C “Orientation B” USB 3.1 Gen 1 Transmit Data Minus USB 3.1 Gen 1 Upstream B D+ RX USB3UP_RXDPB I/O-U Upstream USB Type-C “Orientation B” USB 3.1 Gen 1 Receive Data Plus USB 3.1 Gen 1 Upstream B D- RX USB3UP_RXDMB I/O-U Upstream USB Type-C “Orientation B” USB 3.1 Gen 1 Receive Data Minus USB 3.2 Gen 1 Ports 4-3 D+ TX USB3DN_TXDP[4:3] I/O-U Downstream Super Speed Transmit Data Plus, ports 4 through 3. USB 3.2 Gen 1 Ports 4-3 D- TX USB3DN_TXDM[4:3] I/O-U Downstream Super Speed Transmit Data Minus, ports 4 through 3. USB 3.2 Gen 1 Ports 4-3 D+ RX USB3DN_RXDP[4:3] I/O-U Downstream Super Speed Receive Data Plus, ports 4 through 3. USB 3.2 Gen 1 Ports 4-3 D- RX USB3DN_RXDM[4:3] I/O-U Downstream Super Speed Receive Data Minus, ports 4 through 3. USB 3.1 Gen 1 Ports 2-1 A D+ TX USB3DN_TXDP[2:1]A I/O-U Downstream USB Type-C “Orientation A” Super Speed Transmit Data Plus, ports 2 through 1. USB 3.1 Gen 1 Ports 2-1 A D- TX USB3DN_TXDM[2:1]A I/O-U Downstream USB Type-C “Orientation A” Super Speed Transmit Data Minus, ports 2 through 1. USB 3.1 Gen 1 Ports 2-1 A D+ RX USB3DN_RXDP[2:1]A I/O-U Downstream USB Type-C “Orientation A” Super Speed Receive Data Plus, ports 2 through 1. USB 3.1 Gen 1 Ports 2-1 A D- RX USB3DN_RXDM[2:1]A I/O-U Downstream USB Type-C “Orientation A” Super Speed Receive Data Minus, ports 2 through 1. USB 3.1 Gen 1 Ports 2-1 B D+ TX USB3DN_TXDP[2:1]B I/O-U Downstream USB Type-C “Orientation B” Super Speed Transmit Data Plus, ports 2 through 1. TABLE 3-2: USB 3.2 GEN 1 PIN DESCRIPTIONS (CONTINUED) Name Symbol Buffer Type Description |