| Moteur de recherche de fiches techniques de composants électroniques |
|
ADSP-SC591 Fiches technique(PDF) 58 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC591 Fiches technique(HTML) 58 Page - Analog Devices |
|
58 / 145 page ![]() Rev. A | Page 58 of 145 | April 2022 ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594 PB_01 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTB Position 1 | MLB0 Signal | TWI1 Data | UART1 CTS | TIMER0 Timer Clock Notes: See note2 PB_02 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTB Position 2 | LP1 Acknowledge | MLB0 Clock | SHARC1 Core Flag 3 | TIMER0 Timer Alternate Clock 4 Notes: See note2 PB_03 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTB Position 3 | SPI2 Slave Select Output 2 | SHARC1 Core Flag 2 | TIMER0 Timer 3 | CNT0 Count Up and Direction Notes: See note2 PB_04 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTB Position 4 | LP0 Acknowledge | SPI1 Ready | TIMER0 Timer 4 | CNT0 Zero Marker Notes: See note2 PB_05 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTB Position 5 | SPI0 Slave Select Output 2 | SPI2 Ready | TIMER0 Timer 5 | CNT0 Count Down and Gate Notes: See note2 PB_06 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTB Position 6 | LP0 Clock | SPI1 Slave Select Output 5 | TRACE0 Trace Clock Notes: See note2 PB_07 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTB Position 7 | LP0 D0 | SPI2 Slave Select Output 5 | TRACE0 Trace Data 00 Notes: See note2 PB_08 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTB Position 8 | LP0 D1 | SPI1 Slave Select Output 7 | TIMER0 Timer 6 | TRACE0 Trace Data 01 Notes: See note2 PB_09 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTB Position 9 | LP0 D2 | SPI2 Slave Select Output 7 | TIMER0 Timer 7 | TRACE0 Trace Data 02 Notes: See note2 PB_10 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTB Position 10 | LP0 D3 | SPI1 Slave Select Output 2 | TRACE0 Trace Data 03 Notes: See note2 PB_11 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTB Position 11 | LP0 D4 | SPI0 Ready | UART2 RX | TIMER0 Alternate Clock Input 2 Notes: See note2 PB_12 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTB Position 12 | LP0 D5 | SPI2 Slave Select Output 3 | UART2 TX Notes: See note2 PB_13 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTB Position 13 | LP0 D6 | OSPI0 DQS | SPI1 Slave Select Output 3 | UART2 RTS Notes: See note2 PB_14 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTB Position 14 | LP0 D7 | SPI0 Slave Select Output 3 | UART2 CTS Notes: See note2 Table 25. ADSP-2159x/ADSP-SC59x Designer Quick Reference (Continued) Signal Name Type Driver Type Internal Termination Reset Termination Reset Drive Power Domain Description and Notes |