Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8250ACVRBUSX Fiches technique(PDF) 39 Page - NXP Semiconductors

No de pièce MPC8250ACVRBUSX
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8250ACVRBUSX Fiches technique(HTML) 39 Page - NXP Semiconductors

Back Button MPC8250ACVRBUSX Datasheet HTML 35Page - NXP Semiconductors MPC8250ACVRBUSX Datasheet HTML 36Page - NXP Semiconductors MPC8250ACVRBUSX Datasheet HTML 37Page - NXP Semiconductors MPC8250ACVRBUSX Datasheet HTML 38Page - NXP Semiconductors MPC8250ACVRBUSX Datasheet HTML 39Page - NXP Semiconductors MPC8250ACVRBUSX Datasheet HTML 40Page - NXP Semiconductors MPC8250ACVRBUSX Datasheet HTML 41Page - NXP Semiconductors MPC8250ACVRBUSX Datasheet HTML 42Page - NXP Semiconductors MPC8250ACVRBUSX Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
Freescale Semiconductor
39
Pinout
PA17/FCC1_RXD0/FCC1_RXD
AE161
PA18/FCC1_TXD0/FCC1_TXD
AJ161
PA19/FCC1_TXD1
AG151
PA20/FCC1_TXD2
AJ131
PA21/FCC1_TXD3
AE131
PA22
AF121
PA23
AG111
PA24/MSNUM1
AH91
PA25/MSNUM0
AJ81
PA26/FCC1_MII_RX_ER
AH71
PA27/FCC1_MII_RX_DV
AF71
PA28/FCC1_MII_TX_EN
AD51
PA29/FCC1_MII_TX_ER
AF11
PA30/FCC1_MII_CRS/FCC1_RTS
AD31
PA31/FCC1_MII_COL
AB51
PB4/FCC3_TXD3/L1RSYNCA2/FCC3_RTS
AD281
PB5/FCC3_TXD2/L1TSYNCA2/L1GNTA2
AD261
PB6/FCC3_TXD1/L1RXDA2/L1RXD0A2
AD251
PB7/FCC3_TXD0/FCC3_TXD/L1TXDA2/L1TXD0A2
AE261
PB8/FCC3_RXD0/FCC3_RXD/TXD3
AH271
PB9/FCC3_RXD1/L1TXD2A2
AG241
PB10/FCC3_RXD2
AH241
PB11/FCC3_RXD3
AJ241
PB12/FCC3_MII_CRS/TXD2
AG221
PB13/FCC3_MII_COL/L1TXD1A2
AH211
PB14/FCC3_MII_TX_EN/RXD3
AG201
PB15/FCC3_MII_TX_ER/RXD2
AF191
PB16/FCC3_MII_RX_ER/CLK18
AJ181
PB17/FCC3_MII_RX_DV/CLK17
AJ171
PB18/FCC2_RXD3/L1CLKOD2/L1RXD2A2
AE141
PB19/FCC2_RXD2/L1RQD2/L1RXD3A2
AF131
PB20/FCC2_RXD1/L1RSYNCD2/L1TXD1A1
AG121
PB21/FCC2_RXD0/FCC2_RXD/L1TSYNCD2/L1GNTD2
AH111
PB22/FCC2_TXD0/FCC2_TXD/L1RXDD2
AH161
PB23/FCC2_TXD1/L1TXDD2
AE151
Table 20. MPC8250 TBGA Package Pinout List (continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62