Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC4420A Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 16Page - STMicroelectronics STLC4420A Datasheet HTML 17Page - STMicroelectronics STLC4420A Datasheet HTML 18Page - STMicroelectronics STLC4420A Datasheet HTML 19Page - STMicroelectronics STLC4420A Datasheet HTML 20Page - STMicroelectronics STLC4420A Datasheet HTML 21Page - STMicroelectronics STLC4420A Datasheet HTML 22Page - STMicroelectronics STLC4420A Datasheet HTML 23Page - STMicroelectronics STLC4420A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Electrical specifications
STLC4420A
20/40
SPI_DIN
Tdisu
SPI_DIN setup time to receive edge
of SPI_CLK
3ns
Tdih
SPI_DIN hold time to receive edge
of SPI_CLK
0ns
Table 3.
Host interface specifications
Figure 3.
SPI timing specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40