| Moteur de recherche de fiches techniques de composants électroniques |
|
ALD210802SCL Fiches technique(PDF) 7 Page - Advanced Linear Devices |
|
|
|||||||||||||||||||||||||||||
ALD210802SCL Fiches technique(HTML) 7 Page - Advanced Linear Devices |
|
7 / 12 page ![]() ALD210802 Advanced Linear Devices 7 of 12 TYPICAL PERFORMANCE CHARACTERISTICS (cont.) ZERO TEMPERATURE COEFFICIENT (ZTC) GATE SOURCE OVERDRIVE VOLTAGE VGS - VGS(th) (V) 500 300 0 +0.3 +0.5 0 +0.4 +0.2 +0.1 400 200 100 +125°C - 55°C +25°C VDS = + 0.1V Zero Temperature Coefficient (ZTC) DRAIN SOURCE ON CURRENT vs. GATE SOURCE OVERDRIVE VOLTAGE 100 80 60 40 20 0 5 4 3 2 1 0 GATE SOURCE OVERDRIVE VOLTAGE VGS - VGS(th) (V) VDS = + 10V -55°C +25°C +70°C +125°C GATE SOURCE OVERDRIVE VOLTAGE vs. DRAIN SOURCE ON CURRENT 0 10 20 30 40 70 60 50 DRAIN SOURCE ON CURRENT - IDS(ON) (mA) 4 3 2 5 1 0 +125°C +25°C +70°C -55°C 0°C V+ = VDS = + 5V 5 4 3 2 1 0 10 8 6 4 2 0 GATE SOURCE OVERDRIVE VOLTAGE vs. DRAIN SOURCE ON CURRENT DRAIN SOURCE ON CURRENT - IDS(ON) (mA) VDS = + 0.2V +125°C +70°C +25°C - 55°C 0°C GATE THRESHOLD VOLTAGE vs. AMBIENT TEMPERATURE 2.0 0 AMBIENT TEMPERATURE - TA (°C) -50 -25 0 +25 +50 +125 +100 +75 -1.0 -2.0 1.0 VDS = + 0.1V ID = 10µA VGS(th) = 0.8V VGS(th) = 0.0V VGS(th) = -1.4V OUTPUT CHARACTERISTICS DRAIN SOURCE ON VOLTAGE - VDS(ON) (V) 100 80 60 40 20 0 5 4 3 2 1 0 VGS = VGS(th) + 4V +125°C +70°C -55°C +25°C |