Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2512I Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce USB2512I
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512I Fiches technique(HTML) 5 Page - Microchip Technology

  USB2512I Datasheet HTML 1Page - Microchip Technology USB2512I Datasheet HTML 2Page - Microchip Technology USB2512I Datasheet HTML 3Page - Microchip Technology USB2512I Datasheet HTML 4Page - Microchip Technology USB2512I Datasheet HTML 5Page - Microchip Technology USB2512I Datasheet HTML 6Page - Microchip Technology USB2512I Datasheet HTML 7Page - Microchip Technology USB2512I Datasheet HTML 8Page - Microchip Technology USB2512I Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00001692D-page 5
USB251xB/xBi
Conventions
Within this manual, the following abbreviations and symbols are used to improve readability.
TABLE 1-1:
SUMMARY OF COMPATIBILITIES BETWEEN USB251XB/XBI AND
USB251X/XI/XA/XAI PRODUCTS
Part
Number
Drop-in Replacement
USB2512
USB2512B
USB2512i
USB2512Bi
USB2512A
USB2512B
USB2512Ai
USB2512Bi
USB2513
USB2513B
USB2513i
USB2513Bi
USB2514
USB2514B
USB2514i
USB2514Bi
Example
Description
BIT
Name of a single bit within a field
FIELD.BIT
Name of a single bit (BIT) in FIELD
x…y
Range from x to y, inclusive
BITS[m:n]
Groups of bits from m to n, inclusive
PIN
Pin Name
zzzzb
Binary number (value zzzz)
0xzzz
Hexadecimal number (value zzz)
zzh
Hexadecimal number (value zz)
rsvd
Reserved memory location. Must write 0, read value indeterminate
code
Instruction code, or API function or parameter
Section Name
Section or Document name
x
Don’t care
<Parameter>
<> indicate a Parameter is optional or is only used under some conditions
{,Parameter}
Braces indicate Parameter(s) that repeat one or more times
[Parameter]
Brackets indicate a nested Parameter. This Parameter is not real and actually
decodes into one or more real parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57