Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADSP-SC583 Fiches technique(PDF) 39 Page - Analog Devices

No de pièce ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Fiches technique(HTML) 39 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 35Page - Analog Devices ADSP-SC583 Datasheet HTML 36Page - Analog Devices ADSP-SC583 Datasheet HTML 37Page - Analog Devices ADSP-SC583 Datasheet HTML 38Page - Analog Devices ADSP-SC583 Datasheet HTML 39Page - Analog Devices ADSP-SC583 Datasheet HTML 40Page - Analog Devices ADSP-SC583 Datasheet HTML 41Page - Analog Devices ADSP-SC583 Datasheet HTML 42Page - Analog Devices ADSP-SC583 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 173 page
background image
Rev. B
|
Page 39 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
UART1_RTS
UART1 Request to Send
E
PE_02
UART1_RX
UART1 Receive
B
PB_03
UART1_TX
UART1 Transmit
B
PB_02
UART2_CTS
UART2 Clear to Send
E
PE_11
UART2_RTS
UART2 Request to Send
E
PE_10
UART2_RX
UART2 Receive
D
PD_13
UART2_TX
UART2 Transmit
D
PD_12
USB0_CLKIN
USB0 Clock/Crystal Input
Not Muxed
USB_CLKIN
USB0_DM
USB0 Negative Data (–)
Not Muxed
USB0_DM
USB0_DP
USB0 Positive Data (+)
Not Muxed
USB0_DP
USB0_ID
USB0 OTG ID
Not Muxed
USB0_ID
USB0_VBC
USB0 VBUS Control
Not Muxed
USB0_VBC
USB0_VBUS
USB0 Bus Voltage
Not Muxed
USB0_VBUS
USB0_XTAL
USB0 Crystal
Not Muxed
USB_XTAL
VDD_DMC
DMC VDD
Not Muxed
VDD_DMC
VDD_HADC
HADC/TMU VDD
Not Muxed
VDD_HADC
VDD_USB
USB VDD
Not Muxed
VDD_USB
Table 12. ADSP-SC58x/ADSP-2158x 349-Ball CSP_BGA Signal Descriptions (Continued)
Signal Name
Description
Port
Pin Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More