| Moteur de recherche de fiches techniques de composants électroniques |
|
NTCALUG02A Fiches technique(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
NTCALUG02A Fiches technique(HTML) 2 Page - Vishay Siliconix |
|
2 / 3 page ![]() NTCALUG02A Series www.vishay.com Vishay BCcomponents Revision: 21-Feb-2022 2 Document Number: 29094 For technical questions, contact: nlr@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes Preferred versions for new designs (1) RoHS exemption 7(c)-I: electrical and electronic components containing lead in a glass or ceramic other than dielectric ceramic in capacitors, e.g. piezo-electronic devices, or in a glass or ceramic matrix compound (2) Is also known under material number NTCALUGE4C90294 DIMENSIONS in millimeters L1 L2 L3 Ø D1 Ø D2 Ø D3 Ø D4 ET Refer to the ordering table 6 ± 1 16.8 ± 0.3 3.7 + 0.2 / - 0 8.5 ± 0.2 4.1 + 0.4 / - 0.1 0.56 ± 0.1 4.8 ± 0.2 0.8 ELECTRICAL DATA AND ORDERING INFORMATION R25 ( Ω) R25-TOL. (± %) B25/85 (K) B25/85-TOL. (± %) L1 (mm) UL RECOG. SAP MATERIAL AND ORDERING NUMBER RoHS-COMPLIANT WITH EXEMPTION (1) RoHS-COMPLIANT 4700 2 3984 0.5 45 ± 3 NTCALUG02A472G NTCALUG02A472GA 4700 1 3984 0.5 45 ± 3 NTCALUG02A472F NTCALUG02A472FA 5000 2 3984 0.5 45 ± 3 ✓ NTCALUG02A502G NTCALUG02A502GA 10 000 2 3984 0.5 45 ± 3 ✓ NTCALUG02A103G (2) NTCALUG02A103GA 10 000 1 3984 0.5 45 ± 3 ✓ NTCALUG02A103F NTCALUG02A103FA 10 000 1 3984 0.5 80 +5 / -3 ✓ NTCALUG02A103F800 NTCALUG02A103F800A 10 000 1 3984 0.5 160 +5 / -3 ✓ NTCALUG02A103F161 NTCALUG02A103F161A 10 000 1 3435 1.0 45 ± 3 ✓ NTCALUG02A103FL NTCALUG02A103FLA 10 000 1 3435 1.0 80 +5 / -3 ✓ NTCALUG02A103F800L NTCALUG02A103F804A 10 000 1 3435 1.0 160 +5 / -3 ✓ NTCALUG02A103F161L NTCALUG02A103F165A 100 000 3 4190 1.5 45 ± 3 NTCALUG02A104H NTCALUG02A104HA Ø D 3 L 3 L 1 L 2 E Ø D 4 T Ø D 1 Ø D 2 |