| Moteur de recherche de fiches techniques de composants électroniques |
|
74F158ASJCX Fiches technique(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74F158ASJCX Fiches technique(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 8 page ![]() AC Electrical Characteristics 74F 54F 74F TA ea25 C TA VCC e Mil TA VCC e Com Symbol Parameter VCC ea50V CL e 50 pF CL e 50 pF Units CL e 50 pF Min Typ Max Min Max Min Max tPLH Propagation Delay 30 55 85 30 105 30 95 ns tPHL StoZn 25 45 65 25 80 25 70 tPLH Propagation Delay 25 45 60 25 80 25 70 ns tPHL E to Zn 20 40 60 20 70 20 65 tPLH Propagation Delay 25 40 59 25 85 25 70 ns tPHL In to Zn 15 25 40 10 50 15 45 Ordering Information The device number is used to form part of a simplified purchasing code where the package type and temperature range are defined as follows 74F 158A S C X Temperature Range Family Special Variations 74FeCommercial QB e Military grade device with 54FeMilitary environmental and burn-in processing Device Type X e Devices shipped in 13 reel Package Code Temperature Range P e Plastic DIP CeCommercial (0 Cto a70 C) D e Ceramic DIP MeMilitary (b55 Cto a125 C) F e Flatpak L e Leadless Chip Carrier (LCC) S e Small Outline SOIC JEDEC SJ e Small Outline SOIC EIAJ 4 |