| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8581 Fiches technique(PDF) 25 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8581 Fiches technique(HTML) 25 Page - Wolfson Microelectronics plc |
|
25 / 94 page ![]() Product Preview WM8581 w PP Rev 1.0 March 2006 25 Figure 15 Right Justified Mode Timing Diagram I 2S MODE In I 2S mode, the MSB of DIN1/2/3/4 is sampled on the second rising edge of BCLK following a LRCLK transition. The MSB of the output data changes on the first falling edge of BCLK following an LRCLK transition, and may be sampled on the next rising edge of BCLK. LRCLKs are low during the left samples and high during the right samples. Figure 16 I 2S Mode Timing Diagram DSP MODE A In DSP Mode A, the MSB of Channel 1 left data is sampled on the second rising edge of BCLK following a LRCLK rising edge. Channel 1 right data then follows. For the PAIF Receiver, Channels 2 , 3 and 4 follow as shown in Figure 17. Figure 17 DSP Mode A Timing Diagram – PAIF Receiver Input Data |