Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCY99080CDWR2G Fiches technique(PDF) 26 Page - ON Semiconductor

No de pièce SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Fiches technique(HTML) 26 Page - ON Semiconductor

Back Button SCY99080CDWR2G Datasheet HTML 19Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 20Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 21Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 22Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 23Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 24Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 25Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 26Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 27Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
DDA002C
http://onsemi.com
26
Figure 59. Recommended Layout for DDA002C Device
Maximum Substrate Charge Measurements
This chapter refers to Qmax parameter measurements.
The DDA002C has been connected according to the
Figure 60 during Qmax measurements. This connection
allows measuring just only the substrate current that flows
during the L1 demagnetization. Once the current is
integrated one can get maximum charge that can flow to the
substrate without causing device malfunction. Measure−
ments didn’t show that the Qmax depends on the operating
frequency of the device. Measurements have been done for
TA = 125°C.
Figure 60. Substrate Injection Measurements Schematic
Ordering Information
DELTA device
ON Semiconductor Device
Package
Shipping[
DDA002C
SCY99080CDWR2G
SOIC−19WB
(Pb−Free)
1000 / Tape & Reel
[For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27