| Moteur de recherche de fiches techniques de composants électroniques |
|
HD151TS302ARP Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD151TS302ARP Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 12 page ![]() Rev.5.00, May.19.2003, page 1 of 12 HD151TS302ARP Spread Spectrum Clock for EMI Solution REJ03D0019-0500Z (Previous ADE-205-690D(Z)) Rev.5.00 May.19.2003 Description The HD151TS302A is a high-performance Spread Spectrum Clock modulator. It is suitable for low EMI solution. Features • Supports 10 MHz to 60 MHz operation. (Designed for XIN = 24 MHz and 48 MHz) • 1 copy of clock out with spread spectrum modulation @3.3 V • 1 copy of reference clock @3.3 V • Programmable spread spectrum modulation (–0.5%, –1.0%, –3.0% down spread modulation and spread spectrum disable mode.) • SOP–8pin • Pin to pin compatible with HD151TS302RP Key Specifications • Supply voltages : VDD = 3.3 V±0.165 V • Ta = 0 to 70°C operating range • Clock output duty cycle = 50±5% • Cycle to cycle jitter = ±250 ps typ. • Output slew rate = 0.8V/ns min. • Ordering Information Part Name Package Type Package Code Package Abbreviation Taping Abbreviation (Quantity) HD151TS302ARPEL SOP-8 pin (JEDEC) FP-8DC RP EL (2,500 pcs / Reel) Note: Please consult the sales office for the above package availability. |
Numéro de pièce similaire - HD151TS302ARP |
|
Description similaire - HD151TS302ARP |