Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP79520-I/MS Fiches technique(PDF) 48 Page - Microchip Technology

No de pièce MCP79520-I/MS
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79520-I/MS Fiches technique(HTML) 48 Page - Microchip Technology

Back Button MCP79520-I/MS Datasheet HTML 44Page - Microchip Technology MCP79520-I/MS Datasheet HTML 45Page - Microchip Technology MCP79520-I/MS Datasheet HTML 46Page - Microchip Technology MCP79520-I/MS Datasheet HTML 47Page - Microchip Technology MCP79520-I/MS Datasheet HTML 48Page - Microchip Technology MCP79520-I/MS Datasheet HTML 49Page - Microchip Technology MCP79520-I/MS Datasheet HTML 50Page - Microchip Technology MCP79520-I/MS Datasheet HTML 51Page - Microchip Technology MCP79520-I/MS Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
MCP7951X/MCP7952X
DS20002300D-page 48
 2012-2022 Microchip Technology Inc.and its subsidiaries
0.13
C A B
12
N
TOP VIEW
SIDE VIEW
END VIEW
Microchip Technology Drawing C04-021-MS Rev E Sheet 1 of 2
http://www.microchip.com/packaging
For the most current package drawings, please see the Microchip Packaging Specification located at
Note:
10-Lead Plastic Micro Small Outline Package (MS) - 3x3 mm Body [MSOP]
D
E
E1
D
2
E1
2
E
2
0.20 H
0.25 C
0.20 H
A
B
e
8X b
A
A2
A1
0.10 C
8X
C
SEATING
PLANE
H
SEE DETAIL A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58