| Moteur de recherche de fiches techniques de composants électroniques |
|
VP0106 Fiches technique(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
VP0106 Fiches technique(HTML) 8 Page - Microchip Technology |
|
8 / 14 page ![]() VP0106 DS20006658A-page 8 2022 Microchip Technology Inc. and its subsidiaries 5.0 PACKAGING INFORMATION 5.1 Package Marking Information Legend: XX...X Product Code or Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for product code or customer-specific information. Package may or not include the corporate logo. 3 e 3 e 3-lead TO-92 YWWNNN XXXXXX XX e3 Example 202951 VP0106 e3 N3 |