Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIC4832 Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce MIC4832
Description  Low-Noise 220VPP EL Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4832 Fiches technique(HTML) 12 Page - Microchip Technology

Back Button MIC4832 Datasheet HTML 8Page - Microchip Technology MIC4832 Datasheet HTML 9Page - Microchip Technology MIC4832 Datasheet HTML 10Page - Microchip Technology MIC4832 Datasheet HTML 11Page - Microchip Technology MIC4832 Datasheet HTML 12Page - Microchip Technology MIC4832 Datasheet HTML 13Page - Microchip Technology MIC4832 Datasheet HTML 14Page - Microchip Technology MIC4832 Datasheet HTML 15Page - Microchip Technology MIC4832 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MIC4832
DS20006163B-page 12
2019 - 2022 Microchip Technology Inc.
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
Note:
If the full seven-character YYWWNNN code cannot fit on the package, the following truncated codes are
used based on the available marking space:
6 Characters = YWWNNN; 5 Characters = WWNNN; 4 Characters = WNNN; 3 Characters = NNN; 2 Char-
acters = NN; 1 Character = N
Example
8-Lead DFN*
Example
8-Lead MSOP*
XXXX
XXX
4832
YMM
XXXX
NNN
Y
4832
287
Y
Legend: XX...X Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note: In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22