| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP7940N Fiches technique(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP7940N Fiches technique(HTML) 39 Page - Microchip Technology |
|
39 / 58 page ![]() 2011-2022 Microchip Technology Inc. and its subsidiares DS20005010J-page 39 MCP7940N TOP VIEW VIEW A–A SIDE VIEW Note: http://www.microchip.com/packaging For the most current package drawings, please see the Microchip Packaging Specification located at 8-Lead Plastic Micro Small Outline Package (MS) - 3x3 mm Body [MSOP] Microchip Technology Drawing C04-111-MS Rev D A B 0.25 C 2X 4 TIPS 0.25 C A-B D A A 0.20 H 2X 0.20 H 12 N SEE DETAIL B NOTE 1 C 0.10 C H 8X 8X b e D D 2 E 2 E E1 2 E1 A A2 A1 SEATING PLANE 2X Sheet 1 of 2 D |