| Moteur de recherche de fiches techniques de composants électroniques |
|
EV-RPG2-PNZ Fiches technique(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EV-RPG2-PNZ Fiches technique(HTML) 17 Page - Analog Devices |
|
17 / 21 page ![]() Data Sheet ADIN2299 THEORY OF OPERATION analog.com Rev. 0 | 17 of 21 Table 15. Ethernet Applications Interface Signals Mnemonic Direction Description ETH0_REFCLK Input EMAC0 Reference Clock. Externally supplied Ethernet clock. ETH0_CRS Input EMAC0 Carrier Sense. Multiplexed on alternate clock cycles. Input CRS: asserted by the PHY when either the transmit or receive medium is not idle. Deasserted when both are idle. Input RXDV: asserted by the PHY when the data on RXD0 is valid. ETH0_RXD0 Input EMAC0 Receive Data 0. Receive data bus. ETH0_RXD1 Input EMAC0 Receive Data 1. Receive data bus. ETH0_TXEN Input and output EMAC0 Transmit Enable. When asserted, ETH0_TXEN indicates that the data on TXD0 is valid. ETH0_TXD0 Output EMAC0 Transmit Data 0. Transmit data bus. ETH0_TXD1 Output EMAC0 Transmit Data 1. Transmit data bus. |