Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EV-RPG2-ENZ Fiches technique(PDF) 9 Page - Analog Devices

No de pièce EV-RPG2-ENZ
Description  RapID Platform Generation 2 (RPG2) Network Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EV-RPG2-ENZ Fiches technique(HTML) 9 Page - Analog Devices

Back Button EV-RPG2-ENZ Datasheet HTML 5Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 6Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 7Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 8Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 9Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 10Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 11Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 12Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
ADIN2299
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 9 of 21
Figure 6. Ball Configuration
Table 9. Ball Function Descriptions
Ball No.
Mnemonic
Direction
Description
A2, A14, A15, B1, B14, B16,
C1, C2, C14, C15, E1, E2,
E15, F2, F15, H3, J3, K3, L3,
L16, M3, M16, M17, N3, P5,
P15, R6, R9, R12, R13, T17
NC
Not applicable
No Connect.
A3, A13, A16, B3, B13, C3,
C7, C8, C10, D1, D2, D3, D4,
D5, D14, D15, E3, E4, F1,
G7, G8, G9, G10, G11, G15,
G16, G17, H1, H2, H7, H8,
H9, H10, H11, H15, J7, J8,
J9, J10, J11, J15, K1, K2, K7,
K8, K9, K10, K11, K15, K16,
K17, L7, L8, L9, L10, L11, L15,
GND
Not applicable
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21