Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFS8610BMDA0ES Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce MFS8610BMDA0ES
Description  Fail-safe system basis chip with multiple SMPSs and LDOs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS8610BMDA0ES Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button MFS8610BMDA0ES Datasheet HTML 5Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 6Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 7Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 8Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 9Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 10Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 11Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 12Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NXP Semiconductors
FS8600_SDS
Fail-safe system basis chip with multiple SMPSs and LDOs
Pin
Name
Type
Description
42
VSUP1
Power Analog Input Power supply of the device #1.
An external reverse battery protection diode in series is mandatory
43
VSUP2
Power Analog Input Power supply of the device #2.
An external reverse battery protection diode in series is mandatory
44
WAKE2
Digital/Analog input
Wake up input 2 (thru ext. serial resistor)
45
VBOOST
Analog output
Boost output voltage
46
LDO2
Analog output
Linear regulator #2 output voltage
47
VMON4_RINT
Analog input
Internal resistor bridge voltage monitoring input #4
48
DBG
Analog input
DEBUG Mode entry and OTP input supply
EP
EP
Ground
Expose pad must be connected to GND
Table 3. Pin description...continued
FS8600_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product short data sheet
Rev. 1.1 — 23 November 2021
9 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15