| Moteur de recherche de fiches techniques de composants électroniques |
|
SP8510 Fiches technique(PDF) 9 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP8510 Fiches technique(HTML) 9 Page - Sipex Corporation |
|
9 / 12 page ![]() 51 R/C BUSY Converter Mode Data BUS Acquire Convert Acquire Convert Data Valid Hi-Z State Hi-Z State Data Valid t W tDBC t B tDBE tA tC tAP tHDR and tHL tDB Figure 5. Convert Mode Timing — R/C Pulse LOW, Outputs Enabled After Conversion Series may draw excessive current. In normal operation, this is not a problem because both pins will be soldered together. However, during evalu- ation, incoming inspection, repair, etc., where the potential of a “Hot Socket” exists, care should be taken to apply power to the SP85XX Series only after it has been socketed. Minimizing “Glitches” Coupling of external transients into an analog-to- digitalconvertercancauseerrorswhicharedifficultto debug. In addition to the discussions earlier on layout considerationsforsupplies,bypassingandgrounding, there are several other useful steps that can be taken to get the best analog performance out of a system using the SP85XX Series. These potential system problem sources are particularly important to consider when developing a new system, and looking for the causes of errors in breadboards. First, care should be taken to avoid glitches during critical times in the sampling and conversion process. SincetheSP85XXSerieshasaninternalsample/hold function, the signal that puts it into the hold state (R/C going LOW) is critical, as it would be on any sample/ hold amplifier. The R/C falling edge should have a 5 to 10ns transition time, low jitter, and have minimal ringing, especially during the 20ns after it falls. R/C BUSY Converter Mode Data BUS Acquire Convert Acquire Convert Data Valid Hi-Z State Hi-Z State t W tDBC t B tDBE tA tC tAP tHDR and tHL tAP Data Valid Hi-Z State tDD Figure 6. Read Mode Timing — R/C Pulse HIGH, Outputs Enabled Only When R/C is High |