Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP303 Fiches technique(PDF) 8 Page - Sipex Corporation

No de pièce SP303
Description  RS232/AppleTalk TM Serial Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP303 Fiches technique(HTML) 8 Page - Sipex Corporation

  SP303 Datasheet HTML 1Page - Sipex Corporation SP303 Datasheet HTML 2Page - Sipex Corporation SP303 Datasheet HTML 3Page - Sipex Corporation SP303 Datasheet HTML 4Page - Sipex Corporation SP303 Datasheet HTML 5Page - Sipex Corporation SP303 Datasheet HTML 6Page - Sipex Corporation SP303 Datasheet HTML 7Page - Sipex Corporation SP303 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
76
ORDERING INFORMATION
Model
Temperature Range
Package
SP303CT ....................................................... 0
°C to +70°C ........................................................ 28-pin SOIC
SP303CT/TR ................................................. 0
°C to +70°C .................................. 28-pin SOIC/Tape-on-reel



Html Pages

1 2 3 4 5 6 7 8