Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS4LC2M8S1 Fiches technique(PDF) 16 Page - Alliance Semiconductor Corporation

No de pièce AS4LC2M8S1
Description  3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALSC [Alliance Semiconductor Corporation]
Site Internet  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC2M8S1 Fiches technique(HTML) 16 Page - Alliance Semiconductor Corporation

Back Button AS4LC2M8S1 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 15Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 20Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
®
5/21/01; v.1.1
Alliance Semiconductor
P. 16 of 29
AS4LC2M8S1
AS4LC1M16S1
DQM waveforms:
read (CL = 3, BL = 4)
DQM waveforms:
write (BL = 4)
Concurrent Auto-P Waveforms
According to Intel™’s specification, auto-p burst interruption is allowed by another burst provided that the interrupting burst is in a
different bank than the ongoing burst.
(A) RD-P interrupted by RD in another bank
(CL = 3, BL = 4)
(B) RD-P interrupted by WR in another bank
(CL = 3, BL = 8)
CLK
CMD
DQM
DQ(CL = 3)
DQ(CL = 2)
Read data
Q0
Q0
Q1
Q3
Q2
tDQZ
tDQZ
CLK
CMD
Ext DIN
DQM
D0
D1
D2
D3
D0
D3
Write data
D1
D2
ignored
ignored
Data written
CLK
CMD
RD-P(A)
DQ
A0
A1
B0
B1
B2
B3
tRP(A)
Bank A precharge starts
RD (B)
CLK
CMD
RD-P (A)
DQ
QA0
DN(B0)
D(B1)
D(B2)
tRP
Bank A precharge starts
WR (B)
DQM
D(B7)
QA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29