Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCC0APL Fiches technique(PDF) 2 Page - Balluff Korea Ltd.

No de pièce BCC0APL
Description  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BALLUFF [Balluff Korea Ltd.]
Site Internet  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0APL Fiches technique(HTML) 2 Page - Balluff Korea Ltd.

  BCC0APL Datasheet HTML 1Page - Balluff Korea Ltd. BCC0APL Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Single-Ended Cordsets
BCC S425-0000-1A-008-VX44T2-100
Order Code: BCC0APL
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 215360
ETIM 6.0: EC001855
BCC0APL_0.72_2022-01-17
2 / 2
Remarks
Bulk cable approval per UL-AWM Style 2661 & CSA AWM I/II A/B
Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece.
Connector Drawings
PIN 1: brown
PIN 2: white
PIN 3: blue
PIN 4: black
Wiring Diagrams
1) Green LED = Power
2) Yellow LED = Function



Html Pages

1 2