Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB7056T-I/KDX Fiches technique(PDF) 8 Page - Microchip Technology

No de pièce USB7056T-I/KDX
Description  6-Port USB 3.2 Gen 1 PD SmartHub??IC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7056T-I/KDX Fiches technique(HTML) 8 Page - Microchip Technology

Back Button USB7056T-I/KDX Datasheet HTML 4Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 5Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 6Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 7Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 8Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 9Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 10Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 11Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
USB7056
DS00002675F-page 8
 2022 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTIONS AND CONFIGURATION
The pin assignments for the USB7056 are detailed in Section 3.1, Pin Assignments. Pin descriptions are provided in
Section 3.2, Pin Descriptions.
3.1
Pin Assignments
The device pin diagram for the USB7056 can be seen in Figure 3-1. Table 3-1 provides a USB7056 pin assignments
table. Pin descriptions are provided in Section 3.2, Pin Descriptions.
FIGURE 3-1:
USB7056 100-VQFN PIN ASSIGNMENTS
Note:
Configuration straps are identified by an underlined symbol name. Signals that function as configuration
straps must be augmented with an external resistor when connected to a load.
Thermal slug connects toVSS
16
15
14
13
12
11
10
9
8
6
5
4
3
2
1
7
75
74
73
72
71
70
68
67
66
65
69
64
63
62
61
60
25
24
23
22
21
20
19
18
17
59
58
57
56
55
54
53
52
51
Microchip
USB7056
(Top View 100-VQFN)
RESET_N
DP1_VBUS_MON
PF31
DP1_CC1
USB3DN_RXDM1A
USB3DN_RXDP1A
VDD12
USB3DN_TXDM1A
USB3DN_TXDP1A
USB2DN_DM1/PRT_DIS_M1
PF30/VBUS_DET
USB3DN_RXDM1B
USB2DN_DP1/PRT_DIS_P1
USB3DN_RXDP1B
VDD12
USB3DN_TXDM1B
USB3DN_TXDP1B
USB2DN_DM5/PRT_DIS_M5
USB2DN_DP5/PRT_DIS_P5
DP1_CC2
CFG_STRAP1
CFG_STRAP2
CFG_STRAP3
TESTEN
VDD12
PF17
PF25
PF22/CFG_BC_EN
PF21
VDD33
PF23
PF19
PF26
TEST3
PF20/CFG_NON_REM
TEST1
PF10
PF13
VDD33
TEST2
PF24
PF18
PF15
PF16
VDD33
VDD12
PF12
PF29
PF11
PF14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55