Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB7056T/KDX Fiches technique(PDF) 16 Page - Microchip Technology

No de pièce USB7056T/KDX
Description  6-Port USB 3.2 Gen 1 PD SmartHub??IC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7056T/KDX Fiches technique(HTML) 16 Page - Microchip Technology

Back Button USB7056T/KDX Datasheet HTML 12Page - Microchip Technology USB7056T/KDX Datasheet HTML 13Page - Microchip Technology USB7056T/KDX Datasheet HTML 14Page - Microchip Technology USB7056T/KDX Datasheet HTML 15Page - Microchip Technology USB7056T/KDX Datasheet HTML 16Page - Microchip Technology USB7056T/KDX Datasheet HTML 17Page - Microchip Technology USB7056T/KDX Datasheet HTML 18Page - Microchip Technology USB7056T/KDX Datasheet HTML 19Page - Microchip Technology USB7056T/KDX Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
USB7056
DS00002675F-page 16
 2022 Microchip Technology Inc. and its subsidiaries
A summary of the configuration pin assignments for each of the 2 configurations is provided in Table 3-5. For details on
behavior of each programmable function, refer to Table 3-6.
TABLE 3-5:
PF[31:3] FUNCTION ASSIGNMENT
Pin
Configuration 1
(SMBus/I2C)
Configuration 2
(I2S)
PF3
DP1_VCONN2
DP1_VCONN2
PF4
DP1_VCONN1
DP1_VCONN1
PF5
DP1_DISCHARGE
DP1_DISCHARGE
PF6
GPIO70
GPIO70
PF7
GPIO71
MIC_DET
PF8
PD_I2C_DATA
PD_I2C_DATA
PF9
PD_I2C_CLK
PD_I2C_CLK
PF10
PRT_CTL2_U3
I2S_SDI
PF11
PRT_CTL3_U3
I2S_MCLK
PF12
PRT_CTL4_U3
PRT_CTL4_U3
PF13
PRT_CTL4
PRT_CTL4
PF14
PRT_CTL3
PRT_CTL3
PF15
PRT_CTL2
PRT_CTL2
PF16
PRT_CTL5
PRT_CTL5
PF17
PRT_CTL1
PRT_CTL1
PF18
ALERT0
ALERT0
PF19
GPIO83
I2S_SDO
PF20
SPI_CE_N
SPI_CE_N
PF21
SPI_CLK
SPI_CLK
PF22
SPI_D0
SPI_D0
PF23
SPI_D1
SPI_D1
PF24
SPI_D2
SPI_D2
PF25
SPI_D3
SPI_D3
PF26
SLV_I2C_CLK
I2S_SCK
PF27
SLV_I2C_DATA
PRT_CTL6
PF28
PRT_CTL6
I2S_LRCK
PF29
UPD_RESET_N
UPD_RESET_N
PF30
MSTR_I2C_CLK
MSTR_I2C_CLK
PF31
MSTR_I2C_DATA
MSTR_I2C_DATA
Note:
The default PFx pin functions can be overridden with additional configuration by modification of the pin mux
registers. These changes can be made during the SMBus configuration stage, by programming to OTP
memory, or during runtime (after hub has attached and enumerated) by register writes via the SMBus slave
interface or USB commands to the internal Hub Feature Controller Device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55