| Moteur de recherche de fiches techniques de composants électroniques |
|
USB7006/KDX Fiches technique(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7006/KDX Fiches technique(HTML) 8 Page - Microchip Technology |
|
8 / 56 page ![]() USB7006 DS00003715B-page 8 2022 Microchip Technology Inc. and its subsidiaries 3.0 PIN DESCRIPTIONS 3.1 Pin Assignments FIGURE 3-1: USB7006 100-VQFN PIN ASSIGNMENTS Note: Configuration straps are identified by an underlined symbol name. Signals that function as configuration straps must be augmented with an external resistor when connected to a load. Thermal slug connects to VSS 16 15 14 13 12 11 10 9 8 6 5 4 3 2 1 7 75 74 73 72 71 70 68 67 66 65 69 64 63 62 61 60 25 24 23 22 21 20 19 18 17 59 58 57 56 55 54 53 52 51 Microchip USB7006 (Top View 100-VQFN) RESET_N NC PF31 NC USB3DN_RXDM1 USB3DN_RXDP1 VCORE USB3DN_TXDM1 USB3DN_TXDP1 USB2DN_DM1/PRT_DIS_M1 PF30/VBUS_DET USB3DN_RXDM2 USB2DN_DP1/PRT_DIS_P1 USB3DN_RXDP2 VCORE USB3DN_TXDM2 USB3DN_TXDP2 USB2DN_DM2/PRT_DIS_M2 USB2DN_DP2/PRT_DIS_P2 NC CFG_STRAP1 CFG_STRAP2 CFG_STRAP3 TESTEN VCORE PF17 SPI_D3/PF25 SPI_D0/CFG_BC_EN/PF22 SPI_CLK/PF21 VDD33 SPI_D1/PF23 PF19 PF26 TEST3 SPI_CE_N/CFG_NON_REM/PF20 TEST1 PF10 PF13 VDD33 TEST2 SPI_D2/PF24 PF18 PF15 PF16 VDD33 VCORE PF12 PF29 PF11 PF14 |