| Moteur de recherche de fiches techniques de composants électroniques |
|
IP9009 Fiches technique(PDF) 1 Page - Interpion semiconductor |
|
|
|||||||||||||||||||||||||||||
IP9009 Fiches technique(HTML) 1 Page - Interpion semiconductor |
|
1 / 8 page ![]() June. 2005 (Rev. 3) - 1 - IP9009 5-CH Motor Drive IC with Regulator and Reset controllers www.interpionsemi.com IP9009 is a 5-CH motor driver with LDO regulator and reset controller. It is suitable for CD-P/VCD-P/DVD-P systems. The motor driver part is composed of four BTL drivers and one forward/reverse controlled DC motor driver. - 4-CH BTL driver. - 1-CH forward/reverse controlled DC motor driver. - Built-in adjustable LDO regulator controller. - Built-in reset controller. - Built-in TSD (thermal shut down) circuit. - Built-in mute circuit. - Built-in power save circuit. DESCRIPTIONS ORDER INFORMATION FEATURES 28SSOPH-375B Device Package Operating Temp IP9009 28SSOPH-375A -35 OC ~ +85OC IP9009-TF 28SSOPH-375A -35 OC ~ +85OC IP9009L 28SSOPH-375A -35 OC ~ +85OC IP9009L-TF 28SSOPH-375A -35 OC ~ +85OC IP9009 28SSOPH-375B -35 OC ~ +85OC IP9009-TF 28SSOPH-375B -35 OC ~ +85OC IP9009L 28SSOPH-375B -35 OC ~ +85OC IP9009L-TF 28SSOPH-375B -35 OC ~ +85OC * L : Lead Free * TF : Tape & Reel packing * L-TF : Lead Free and Tape & Reel packing |
Numéro de pièce similaire - IP9009 |
|
Description similaire - IP9009 |