Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI5USB2546ZHDEX Fiches technique(PDF) 20 Page - Diodes Incorporated

No de pièce PI5USB2546ZHDEX
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546ZHDEX Fiches technique(HTML) 20 Page - Diodes Incorporated

Back Button PI5USB2546ZHDEX Datasheet HTML 16Page - Diodes Incorporated PI5USB2546ZHDEX Datasheet HTML 17Page - Diodes Incorporated PI5USB2546ZHDEX Datasheet HTML 18Page - Diodes Incorporated PI5USB2546ZHDEX Datasheet HTML 19Page - Diodes Incorporated PI5USB2546ZHDEX Datasheet HTML 20Page - Diodes Incorporated PI5USB2546ZHDEX Datasheet HTML 21Page - Diodes Incorporated PI5USB2546ZHDEX Datasheet HTML 22Page - Diodes Incorporated PI5USB2546ZHDEX Datasheet HTML 23Page - Diodes Incorporated PI5USB2546ZHDEX Datasheet HTML 24Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
All trademarks are property of their respective owners.
www.diodes.com
1/18/2017
2016-11-0004
PT0493-4
20
PI5USB2546
Load Detect
PI5USB2546 offer system designers unique power management strategy not available in the industry from similar devices.
There are two power management schemes supported by the PI5USB2546 via the /STATUS pin, they are:
1.
Power Wake (PW)
2.
Port Power Management (PPM)
Either feature may be implemented in a system depending on power savings goals for the system. In general Power Wake
feature is used mainly in mobile systems like a notebook where it is imperative to save battery power when system is in deep
sleep (S4/S5) state. On the other hand Port Power Management feature would be implemented where multiple charging ports
are supported in the same system and system power rating is not capable of supporting high current charging on multiple ports
simultaneously.
Power Wake
Goal of power wake feature is to save system power when system is in S4/S5 state. In S4/S5 state system is in deep sleep and
typically running of the battery; so every “mW” in system power savings will translate to extending battery life. In this state the
PI5USB2546 will monitor charging current at the OUT pin and provide a mechanism via the /STATUS pin to switch out the
high power DC-DC controller and switch in a low power LDO when charging current requirement is <45mA (typ.). This would
be the case when no peripheral device is connected at the charging port or if a device has attained its full battery charge and
draws <45mA. Power wake flow chart and description is shown as Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31