Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI3VDP411LSR Fiches technique(PDF) 10 Page - Diodes Incorporated

No de pièce PI3VDP411LSR
Description  Dual Mode DisplayPort??to DVI/HDMI??Electrical Bridge (Level Shifter)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3VDP411LSR Fiches technique(HTML) 10 Page - Diodes Incorporated

Back Button PI3VDP411LSR Datasheet HTML 2Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 3Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 4Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 5Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 6Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 7Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 8Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 9Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
www.pericom.com
PS9060A
08/23/11
PI3VDP411LSR
Dual Mode DisplayPort™ to DVI/HDMI™ Electrical Bridge (Level Shifter)
Pericom Semiconductor Corporation • 1-800-435-2336
DESCRIPTION: 48-Pin, Thin Fine Pitch Quad Flat No-Lead (TQFN)
PACKAGE CODE: ZB48
DOCUMENT CONTROL #: PD-2080
REVISION: A
DATE: 02/11/09
UNIT: mm
Notes:
1. All dimensions are in millimeters, angles are in degrees.
2. Coplanarity applies to the exposed thermal pad as well as the terminals.
3. Refer JEDEC MO-220
4. Recommended land pattern is for reference only.
5. Thermal pad soldering area
09-0091
Ordering Information
Ordering Code
Package Code Package Type
PI3VDP411LSRZBE
ZB
Pb-free & Green, 48-pin TQFN
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2. E = Pb-free and Green
3. Adding an X suffix = Tape/Reel
DisplayPort is a trademark of VESA www.vesa.org
HDMI, High-Definition Multimedia Interface, and Deep Color are trademarks of HDMI Licensing, LLC in the United States and other countries.
Note:
• For latest package info, please check: http://www.pericom.com/products/packaging/mechanicals.php
11-0084



Html Pages

1 2 3 4 5 6 7 8 9 10