| Moteur de recherche de fiches techniques de composants électroniques |
|
IP9001 Fiches technique(PDF) 1 Page - Interpion semiconductor |
|
|
|||||||||||||||||||||||||||||
IP9001 Fiches technique(HTML) 1 Page - Interpion semiconductor |
|
1 / 32 page ![]() IP9001 4-CH MOTOR DRIVE IC FOR PORTABLE CDP September. 2003 (Rev.0) - 1 - www.interpionsemi.com The IP9001 is a monolithic integrated circuit, and suitable for a 4-CH motor driver which drives focus actuator, tracking actuator, sled motor, spindle motor of portable CDP, VCDP systems. And it also provides DC/DC converter, reset, recharge, and short circuit protection. - 4ch BTL(Balanced Transformerless) driver. - Built-in DC/DC converter control circuit. - Built-in reset circuit. - Built-in battery charging circuit. - Built-in short circuit protection. - Built-in normal OP AMP. - Built-in thermal shut down circuit. Device Package Operating Temp IP9001 44QFP-1010B -35 OC ~ +85OC DESCRIPTIONS ORDER INFORMATION FEATURES 44QFP1010B |
Numéro de pièce similaire - IP9001 |
|
Description similaire - IP9001 |